Part Number Hot Search : 
M4S62ZAJ SMAJ24 K3303 A1270 31441 AL5100 P6KE16A 78058
Product Description
Full Text Search
 

To Download FSI-105-03-G-D-AD-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fsi140?3?de fsi12003g??t fsi?5003g? (1,00mm) .03937" optional alignment pins choice of board stacking profiles short version or optional threaded inserts www.samtec.com f-203-1 samtec usa  tel: 1-800-samtec-9 or 812-944-6733  fax: 812-948-5047 samtec uk  tel: 01236 739292  fax: 01236 727113 samtec germany  tel: +49 (0) 89 / 89460-0  fax: +49 (0) 89 / 89460-299 samtec france  tel: 01 60 95 06 60  fax: 01 60 95 06 61 samtec italy  tel: 39 039 6890337  fax: 39 039 6890315 samtec israel  tel: 972 3 648 7207  fax: 972 3 648 7214 samtec scandinavia  tel: +46-84477280  fax: +46-87420413 samtec asia pacific  tel: 65 6745-5955  fax: 65 6841-1502 samtec japan  tel: 81-424-42-8318  fax: 81-424-42-8319 samtec china  tel: 86-21-5385-4089  fax: 86-21-5385-4047 samtec taiwan  tel: 886-02-2364-6077  fax: 886-02-2367-9531 samtec hong kong  tel: 852-26904858  fax: 852-26904842 samtec anz  tel: 613 9512 7747  fax: 613 9512 7745 due to technical progress, all designs, specifications and components are subject to change without notice. surface smt mount one-piece interface fsi series note: some lengths, styles and options are non-standard, non-returnable. processing: max processing temp: 230 c for 60 seconds smt lead coplanarity: (0,10mm) .004" max (05-35) (0,15mm) .006" max (40-50) compression board: gold pads required suggested pcb layouts: for reference only. please contact samtec or go to www.samtec.com?fsi for recommended pcb layout. for complete specifications see www.samtec.com?fsi insulator material: liquid crystal polymer contact material: phosphor bronze current rating: 1a @ 80 ambient operating temp range: -65 c to +125 c plating: au over 50 " (1,27 m) ni (no. of positions x (1,00) .03937) + (0,76).030 (8,76) .345 (0,64) .025 typ (1,00) .03937 (0,36) .014 (0,89) .035 (6,37) .251 (0,15) .006 (3,00) .118 (1,40) .055 (1,07) .042 dia (1,40) .055 (no. of positions x (1,00) .03937) + (7,24) .285 (no. of positions x (1,00) .03937) + (14,10) .555 (no. of positions x (1,00) .03937) + (22,09) .870 (no. of positions/2 x (1,00) .03937) + (7,62) .300 at, ad & ab short version insert option (10, 20 & 30 pins/row) insert option (40 & 50 pins/row) (2,54) .100 dia (1,00) .03937 (9,00) .354 (0,61) .024 (4,11) .162 (2) (1,19) .047 dia b a (no. of positions x (1,00) .03937) + (15,24) .600 (no. of positions x (1,00) .03937) + (7,24) .285 40 & 50 ( e & m) dimensions not shown are same as above 10, 20 & 30 ( e & m) 05 thru 50 (non-threaded) a solder board (3,56) .140 mating board (1,14) .045 b (4,14) .163 (0,89) .035 fsi plating option pins per row 1 10, 20, 30, 40 & 50 (screw option) 05, 10, 15, 20, 25, 30, 35, 40, 45, 50 (short version) d alignment option leave blank for no alignment pin at = alignment pin top side ab = alignment pin bottom side ad = alignment pin dual side insert option body height other option 03 = 3,00mm k = polyimide film pick & place pad tr = tape & reel packaging leave blank for short version (no screw down inserts or holes) e = #2-56 x 1/16" screw thread m = 2,00mm x 0,40mm screw thread g = 10 " (0,25 m) gold also available low profile see sei & sel series. (2,54mm) .100" pitch see sib series. specifications


▲Up To Search▲   

 
Price & Availability of FSI-105-03-G-D-AD-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X